Part Number Hot Search : 
1858035W BA110LST 25N201 LTC1504 HL6750MG FDD6N20 AAT1120 BAT54A
Product Description
Full Text Search
 

To Download L200-0WW-20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTR
C
REVISION
DATE
12-13-05
APPD
RM
CHIP MATERIAL
InGaN
LENS COLOR
WATER CLEAR
EMISSION COLOR
WARM WHITE
Notes:
1. 2. 3. 4. 5. 6. ALL DIMS ARE IN MILLIMETERS (INCHES). TOLERANCE IS 0.25mm (.010") UNLESS OTHERWISE SPECIFIED. PROTRUDED RESIN UNDER FLANGE IS 1.0mm (.04") MAX. LEAD SPACING IS MEASURED WHERE LEADS EMERGE FROM THE PACKAGE. LEADS TO BE SOLDERABLE AND CAPABLE OF MEETING THE SOLDERABILITY REQUIREMENTS OF MIL-STD-202, METHOD 208. MANUFACTURE DATE SHALL NOT BE OLDER THAN 26 WEEKS (6 MONTHS). -PROPRIETARYR
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING-
ELECTROSTATIC SENSITIVE DEVICES
This document contains Proprietary TM LEDTRONICS, INC. information of It may not be copied, used or disclosed for any purpose without the prior express TM LEDTRONICS, INC. written consent of
TM
TITLE DWG NO DSDC302 CODE IDENT NO. 8Z410 DWG BY RM
L200-0WW-20D
SCALE 2:1 CHK BY PL 12-16-05 QA GZ 12-16-05 SHEET 1 OF 3 MNFG DATE 11-23-05 CUSTOMER
.XXX .010
23105 KASHIWA COURT TORRANCE, CA 90505
.XX .025 ANGLES 0,30' FRACT. 1/32
TOLERANCE PER ANSI-Y14.5 (UNLESS OTHERWISE STATED)
LTR
C
REVISION
DATE
12-13-05
APPD
RM
Absolute Maximum Ratings at Ta 25C
Param eter Power Dissipation Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width Continuous Forward Current Derating Linear From 50C Reverse Voltage Electrostatic Discharge (ESD) Operating Temperature Range Storage Temperature Range Lead Soldering Temp erature [4mm (.157 ) From Body] MAX. 80 100 20 0.4 5 150 -20C to +80C -30C to +100C 260C for 5 Seconds Unit mW mA mA mA/C V V
Electrical Optical Characteristics at
Param eter
Luminous Intensity
Ta=25C
Typ. 7500 17 3.5 --.13 1.67 28673 Max. --22 4.0 50 ------Unit m cd Deg V uA ----uW/sr Test Condition If =20mA (Note 1) (Note 2) If=20mA VR=5V -------
Symbol Iv 2
1/2
Min. --12 2.8 ---------
Vi ewing Angle Forward V oltage Reverse Current SCP Lumens Radiant Intensity
Vf IR -------
Color Rank BIN C BIN D Notes:
Lower Left x y 0.27 0.29 0.29 0.32
Bin Lim i ts (CIE1931 x, y coordinates) Lower Right Upper Right x x y y 0.29 0.26 0.26 0.23 0.32 0.30 0.29 0.26
Upper Left x y 0.25 0.25 0.27 0.29
1 Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve. 2. 1/2 is the off-axis at which the luminous intensity is half the axial luminous intensity. 3. Forward voltage measurement allowance is 0.1V 4. Luminous intensity measurement allowance is 10%
-PROPRIETARYR
This document contains Proprietary TM LEDTRONICS, INC. information of It may not be copied, used or disclosed for any purpose without the prior express TM LEDTRONICS, INC. written consent of
TM
TITLE DWG NO DSDC302-A CODE IDENT NO. 8Z410 DWG BY RM
L200-0WW-20D
SCALE NTS CHK BY QA SHEET 2 OF 3 MNFG DATE 11-23-05 CUSTOMER
.XXX .010
23105 KASHIWA COURT TORRANCE, CA 90505
.XX .025 ANGLES 0,30' FRACT. 1/32
TOLERANCE PER ANSI-Y14.5 (UNLESS OTHERWISE STATED)
LTR
REVISION
DATE
12-13-05
APPD
RM
Typical Electrical / Optical Characteristics Curves (25C Ambient Temperature Unless Otherwise Noted)
C
Spectral Radiance
10
08
CIE 1931 Chromaticity Diagram
0.40 0.35
Normalized Response
06
04
02
Y
0.30
D
00 3 80 420 460 5 00 540 580 6 20 660 700 7 40 780
0.25 0.20 0.15 0.15
C
Wavelength (nm)
0.20
0.25
0.30
0.35
0.40
Forward Current If (mA)
Forward Current vs. Forward voltage
30 25
X
Relative Luminous Intensity vs. Forward Current
Relative Intensity (LOP@20mA=1)
2
20
15
10
5
1
0 2.5 2 .75 3.0 3.25 3.5 3.75
Forward Voltage Vf (V)
0
0
5
0
15
20
25
30
35
Forward Current vs. Derating curve
60
Forward Current If (mA)
Forward Current vs. Chromaticity Coordinates
0.28
1mA Ta = 25C
Forward Current If (mA)
50 40 30 20 10
0.27
5mA
0
10mA
0
10
20
30
40
50
60
70
80
90
y 0.26
20mA 30mA
Derating Curve Ta (C)
Beam Pattern
0 -30 30
0.25
40mA
0.24 0.25
0.26
0.27
0.28
0.29
-60
60
x
-90 90
1.0
0.8
0.6
0.4
0.2
0.2
0.4
0.6
0.8
1.0
Relative Intensity (LO P@M AX=1)
-PROPRIETARYR
This document contains Proprietary TM LEDTRONICS, INC. information of It may not be copied, used or disclosed for any purpose without the prior express TM LEDTRONICS, INC. written consent of
TM
TITLE DWG NO DSDC302-B CODE IDENT NO. 8Z410 DWG BY RM
L200-0WW-20D
SCALE NTS CHK BY QA SHEET 3 OF 3 MNFG DATE 11-23-05 CUSTOMER
.XXX .010
23105 KASHIWA COURT TORRANCE, CA 90505
.XX .025 ANGLES 0,30' FRACT. 1/32
TOLERANCE PER ANSI-Y14.5 (UNLESS OTHERWISE STATED)


▲Up To Search▲   

 
Price & Availability of L200-0WW-20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X